PART |
Description |
Maker |
2SB1370 2SB1565 2SB1565F 2SB1655 |
Power Transistor (-60V/ -3A) Power Transistor (-60V, -3A) Power Transistor (-60V -3A) Power Transistor(-60V, -3A) 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits
|
ROHM[Rohm]
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
CSB1370 CSB1370F CSB1370D CSB1370E |
30.000W Medium Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 160 - 320 hFE. 30.000W Medium Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 100 - 200 hFE. 30.000W Medium Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 60 - 120 hFE. PNP Silicon Epitaxial Power Transistor
|
CDIL[Continental Device India Limited]
|
2SC5826TV2Q 2SC582611 |
3000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR ATV, 3 PIN Power transistor (60V, 3A)
|
Rohm
|
2SB834 2SB834O 2SB834Y |
POWER TRANSISTORS(3.0A,60V,30W) TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | TO-220AB 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP. Mospec Semiconductor, Corp.
|
2SC3254 2SC3254S |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 7A I(C) | TO-220AB 60V/7A High-Speed Switching Applications
|
SANYO[Sanyo Semicon Device]
|
OC28 OC22 OC23 OC30 OC25 OC19 OC36 AUY29IV AUY24 A |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-3 TRANSISTOR | BJT | PNP | 24V V(BR)CEO | 1A I(C) | TO-3 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1.4A I(C) | TO-66VAR TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 4A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 3A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 8A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 15A I(C) | TO-41 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 3A I(C) | TO-41 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | TO-41 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 8A I(C) | TO-41 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 8A条一(c)|1
|
Vicor, Corp. Marktech Optoelectronics
|
STD30NE06L 6044 STD30NE06LT4 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)|52AA N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET From old datasheet system
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
2SB798 2SB798-T2 2SB798-T1 2SB794L 2SB798DK-AZ 2SB |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD PACKAGE-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1.5A I(C) | TO-126 PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
IRC Advanced Film NEC[NEC]
|
2SC5826 |
Power transistor (60V, 3A)
|
Rohm
|
2SC582411 |
Power transistor (60V, 3A)
|
Rohm
|
2SB1655 |
Power Transistor (-60V/ -3A)
|
ROHM
|